PART |
Description |
Maker |
HF9320-012L-01-I HF9320-005L-04-I HF9320-018M-04-I |
HERMETICALLY SEALED ELECTRO MAGNETIC RELAY
|
Hongfa Technology
|
HF9216-024-01-I HF9216-024-31-I |
HERMETICALLY SEALED ELECTRO MAGNETIC RELAUY
|
Hongfa Technology
|
5962-9314001HPA 5962-9314001HPC 5962-9314001HXA 59 |
5962-9314001HPA · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HPC · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HXA · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HYA · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HYC · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HZA · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler HSSR-7110 · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler HSSR-7111 · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler 5962-9314001HZC · 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
|
Agilent (Hewlett-Packard)
|
JANTX1N6461US JAN1N6461USE3 JANTX1N6467US |
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
|
Microsemi Corporation
|
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
HSSR-7110 HSSR-7111 HSSR-7112 HSSR-711E |
90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
|
AVAGO TECHNOLOGIES LIMITED
|
HCPL-7850 5962-9755701HYA 5962-9755701HPC 5962-975 |
5962-9755701HXA · Hermetically Sealed Analog Isolation Amplifier 5962-9755701HPC · Hermetically Sealed Analog Isolation Amplifier 5962-9755701HYC · Hermetically Sealed Analog Isolation Amplifier
|
Agilent (Hewlett-Packard)
|
2N5782L 2N5782L.MOD |
3.5 A, 65 V, PNP, Si, POWER TRANSISTOR, TO-205AA HERMETIC SEALED, METAL, TO-5, 3 PIN Bipolar PNP Device in a Hermetically sealed TO5
|
TT electronics Semelab, Ltd. Seme LAB
|
BUY48SMD05 BUY48SMD05-JQRR4 |
7000 mA, 170 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-276AA HERMETIC SEALED, CERAMIC, SMD0.5, 3 PIN Bipolar NPN Device in a Hermetically sealed
|
TT electronics Semelab, Ltd. http://
|
BUY48SMD BUY48SMD-JQRR4 |
7000 mA, 170 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-276AB HERMETIC SEALED, CERAMIC, SMD1, 3 PIN Bipolar NPN Device in a Hermetically sealed
|
TT electronics Semelab, Ltd. http://
|